Electronic Components Datasheet Search
  English  ▼

X  

OP804TX Datasheet(PDF) 2 Page - TT Electronics.

Part # OP804TX
Description  High Reliability NPN Silicon Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP804TX Datasheet(HTML) 2 Page - TT Electronics.

  OP804TX Datasheet HTML 1Page - TT Electronics. OP804TX Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP804, OP805 (TX, TXV)
Issue B
08/2016 Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65° C to +150° C
Operating Temperature Range
-55° C to +125° C
Collector-Base Voltage
30 V
Collector-Emitter Voltage
30 V
Emitter-Base Voltage
5 V
Emitter-Collector Voltage (applies to all OP800 and OP830 devices)
5 V
Lead Soldering Temperature [1/16 inch (1.6mm) fro case for 5 seconds with soldering iron]
(1)
260° C
Power Dissipation
(2)
250 mW
Electrical Characteristics (TA = 25°C unless otherwise noted)
Input Diode
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC (ON)
On-State Collector Current
OP804 (TX, TXV
OP805 (TX, TXV)
7.0
15.0
8
mA
VCE = 5.0V, Ee = 20 mW/cm
2(3)
ICEO
Collector-Emitter Dark Current
100
nA
VCE = 10.0 V, Ee = 0
100
µA
VCE = 30.0 V, Ee = 0 TA = 100° C
V(BR)CEO
Collector-Base Breakdown Voltage
30
V
IC= 100 µA, IB= 0, Ee = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
7.0
V
IC= 100 µA, Ee = 0
VCE(SAT)
Collector-Emitter Saturation Voltage
0.40
V
IC = 0.4 mA, Ee = 20 mW/cm
(2)(3)
tf
Rise Time
OP804 (TX, TXV)
OP805 (TX, TXV)
10.0
15.0
VCC = 30 V, IC = 1.00 mA, RL = 100 Ω
µs
tr
Fall Time
OP804 (TX, TXV)
OP805 (TX, TXV)
10.0
15.0
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 2.5 mW/° C above 25° C.
(3)
Light source is an unfiltered rungsten lamp operated at a temperature of 2870 K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com