Electronic Components Datasheet Search
  English  ▼

X  

OPA730GD Datasheet(PDF) 1 Page - TT Electronics.

Part # OPA730GD
Description  12 Watt Light Ring on OptoTherm Linear Heat Sperader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA730GD Datasheet(HTML) 1 Page - TT Electronics.

  OPA730GD Datasheet HTML 1Page - TT Electronics. OPA730GD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 Watt Light Ring on
OptoTherm® Linear Heat
Spreader
OPA730 Series
© TT electronics plc
Issue C
09/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPA730 Series are designed for areas where light output and reliability are essen al. The light beam angles of 40° and
120° are ideal for illumina ng small and medium size areas while requiring minimal space.
A High Performance Heat Spreader (HPHS) is used to ensure the best heat dissipa on of any light assembly in the industry.
OptoTherm
® is designed to be the op mum material for distribu on of heat for high power devices.
For custom colors and design contact your OPTEK representa ve.
Features:
•
12, 1 wa LEDs per ring
•
Mono-color per ring (Blue, Green, Red, Yellow, White)
•
Two component beam angle op ons (120° or 40°)
•
Universal connector (Tyco 2-292173-2 mates with 173977-2)
•
RoHS Compliant
RoHS
DO NOT LOOK DIRECTLY AT LED WITH
UNSHIELDED EYES OR DAMAGE TO RETINA
MAY OCCUR.
OPA730_
OPA730_D
Part Number
Typical Forward Voltage (V) Luminous Flux (lm)
Beam Angle
Color
Dominant Wavelength
OPA730Y
15.0
420
120°
Yellow
587 nm
OPA730B
21.6
108
Blue
470nm
OPA730G
21.6
576
Green
530 nm
OPA730R
15.0
312
Red
625 nm
OPA730W
21.6
576
White
6500°K
OPA730YD
15.0
420
40°
Yellow
587 nm
OPA730BD
21.6
108
Blue
470 nm
OPA730GD
21.6
576
Green
530 nm
OPA730RD
15.0
312
Red
625 nm
OPA730WD
21.6
576
White
6500°K
Electrical / Op cal Characteris cs: TA=25°C, IF=700mA


Similar Part No. - OPA730GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA730 OPTEK-OPA730 Datasheet
155Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader
More results

Similar Description - OPA730GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA730 OPTEK-OPA730 Datasheet
155Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader
OPA733 OPTEK-OPA733 Datasheet
144Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader
OPA741 OPTEK-OPA741 Datasheet
169Kb / 1P
12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens
logo
TT Electronics.
OPA729 TTELEC-OPA729 Datasheet
624Kb / 2P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
OPA731 TTELEC-OPA731 Datasheet
548Kb / 2P
20 Watt Light Flood on OptoTherm Linear Heat Spreader
OPA733 TTELEC-OPA733 Datasheet
114Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader
OPA739 TTELEC-OPA739 Datasheet
316Kb / 2P
3 Watt Light Bar on OptoTherm Heat Spreader
OPA740 TTELEC-OPA740 Datasheet
506Kb / 1P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
OPA741 TTELEC-OPA741 Datasheet
488Kb / 1P
12 Watt Light Ring on OptoTherm Linear Heat Sperader with Lens
OPA742 TTELEC-OPA742 Datasheet
477Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader with Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com