Electronic Components Datasheet Search
  English  ▼

X  

OPA739GD Datasheet(PDF) 1 Page - TT Electronics.

Part # OPA739GD
Description  3 Watt Light Bar on OptoTherm Heat Spreader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA739GD Datasheet(HTML) 1 Page - TT Electronics.

  OPA739GD Datasheet HTML 1Page - TT Electronics. OPA739GD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A .2
09/08
Page 1 of 2
OPA739 Series
3 Watt Light Bar on
OptoTherm Heat Spreader
OPA739 Series
•
3-1 watt LED on square substrate
•
Mono-color per strip (Blue, Green, Red, Yellow, White)
•
Two component beam angle options (120° or 40°)
•
Universal connector (Tyco 2-292173-2 mates with 173977-2)
•
RoHS Compliant
The OPA739 Series are designed for areas where lighting intensity and reliability are essential. The light beam
angles of 40° and 120° are ideal for illuminating small and medium size areas while requiring minimal space. A
High Performance Heat Spreader (HPHS) is used to ensure the best heat dissipation of any light assembly in the
industry.
OptoTherm is designed to be the optimum material for distribution of heat for high power devices.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA739_ (120° Beam Angle)
OPA739_D (40° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
Electrical / Optical Characteristics: TA=25°C, IF=350mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA739Y
7.5
105
Yellow
OPA739B
10.8
27
Blue
OPA739G
10.8
144
Green
OPA739R
7.5
78
Red
OPA739W
10.8
144
White
OPA739YD
7.5
105
40°
Yellow
OPA739BD
10.8
27
Blue
OPA739GD
10.8
144
Green
OPA739RD
7.5
78
Red
OPA739WD
10.8
144
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K


Similar Part No. - OPA739GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA739GD OPTEK-OPA739GD Datasheet
131Kb / 1P
3 Watt Light Bar on Anotherm Heat Spreader
More results

Similar Description - OPA739GD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPA729 OPTEK-OPA729 Datasheet
306Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
OPA733 OPTEK-OPA733 Datasheet
144Kb / 1P
1 Watt Light Spot on Anotherm Linear Heat Spreader
OPA739 OPTEK-OPA739 Datasheet
131Kb / 1P
3 Watt Light Bar on Anotherm Heat Spreader
OPA740 OPTEK-OPA740 Datasheet
224Kb / 1P
10 Watt Light Bar on Anotherm Linear Heat Spreader
logo
TT Electronics.
OPA729 TTELEC-OPA729 Datasheet
624Kb / 2P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
OPA730 TTELEC-OPA730 Datasheet
227Kb / 2P
12 Watt Light Ring on OptoTherm Linear Heat Sperader
OPA731 TTELEC-OPA731 Datasheet
548Kb / 2P
20 Watt Light Flood on OptoTherm Linear Heat Spreader
OPA733 TTELEC-OPA733 Datasheet
114Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader
OPA740 TTELEC-OPA740 Datasheet
506Kb / 1P
10 Watt Light Bar on OptoTherm Linear Heat Sperader
OPA742 TTELEC-OPA742 Datasheet
477Kb / 1P
1 Watt Light Spot on OptoTherm Linear Heat Spreader with Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com