Electronic Components Datasheet Search
  English  ▼

X  

AS339A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS339A
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS339A Datasheet(HTML) 5 Page - Diodes Incorporated

  AS339A Datasheet HTML 1Page - Diodes Incorporated AS339A Datasheet HTML 2Page - Diodes Incorporated AS339A Datasheet HTML 3Page - Diodes Incorporated AS339A Datasheet HTML 4Page - Diodes Incorporated AS339A Datasheet HTML 5Page - Diodes Incorporated AS339A Datasheet HTML 6Page - Diodes Incorporated AS339A Datasheet HTML 7Page - Diodes Incorporated AS339A Datasheet HTML 8Page - Diodes Incorporated AS339A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AS339/339A
Document number: DS36838 Rev. 3 - 2
5 of 12
www.diodes.com
May 2018
© Diodes Incorporated
AS339/339A
Performance Characteristics
Supply Voltage vs. Supply Current
Supply Voltage vs. Input Bias Current
Output Sink Current vs. Saturation Voltage
Response Time for 5mV Input Overdrive -
Negative Transition
Response Time for 5mV Input Overdrive -
Positive Transition
0
4
8
12
16
20
24
28
32
36
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
85
oC
25
oC
-40
oC
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
85
oC
25
oC
-40
oC
Supply Voltage (V)
0.01
0.1
1
10
100
1E-3
0.01
0.1
1
10
85
oC
25
oC
-40
oC
Output Sink Current (mA)
Time (
s)
0
6
4
2
50
0
100
1.8
2.0
1.4 1.6
1.0
1.2
0.6
0.8
0.2
0.4
0
VIN
VCC
5.1K
VOUT
+
_
VIN
VCC
5.1K
VOUT
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com