Electronic Components Datasheet Search
  English  ▼

X  

OPB702RR Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB702RR
Description  Reflective Object Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB702RR Datasheet(HTML) 2 Page - TT Electronics.

  OPB702RR Datasheet HTML 1Page - TT Electronics. OPB702RR Datasheet HTML 2Page - TT Electronics. OPB702RR Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Storage & Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
(2)
260° C
Input Diode
Peak Forward Current
50 mA
Reverse Voltage
2 V
Power Dissipation]
(1)
100 mW
Output Photosensor
Collector-Emitter Voltage
OPB702, OPB702R
OPB702D, OPB702RR
30 V
15 V
Emitter-Collector Voltage
5 V
Power Dissipation]
(1)
100 mW
Input Diode (see OP265 or OP165 for Infrared LED & OVLAS6CB8 for Red LED for additional information)
VF
Forward Voltage
(Infrared LED)
Red (VLED)
-
-
1.7
2.4
V
IF = 20 mA
IF = 40 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (see OP505 for Phototransistor, OP705 for Rbe-Phototransistor, OP535 for Photodarlington)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OPB702
OPB702D
OPB702R, OPB702RR
30
15
30
-
-
-
-
-
-
V
IC = 100 µA, IF = 0, Ee = 0
IC = 1 mA, IF = 0, Ee = 0
IC = 1 mA, IF = 0, Ee = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
OPB702
OPB702D
5
5
-
-
-
-
V
V
IE = 100 µA, IF = 0, EE = 0
IE = 100 µA, IF = 0, EE = 0
IECO
Emitter-Reverse Current
OPB702R, OPB702RR
-
-
100
µA
VCE = 0.4 V, IF = 0, EE = 0
ICEO
Collector Dark Current
OPB702
OPB702D
OPB702R, OPB702RR
-
-
-
-
-
-
100
250
100
nA
nA
nA
VCE = 10 V, IF = 0, EE = 0
VCE = 10 V, IF = 0, EE = 0
VCE = 10 V, IF = 0, EE = 0
Combined
VCE(SAT)
(3)
(4)
Collector-Emitter Saturation Voltage
OPB702
OPB702D
OPB702R, OPB702RR
-
-
-
-
-
-
0.4
1.1
0.4
V
V
V
IF = 40 mA, IC = 250 µA, d = .15” (3.81 mm)
IF = 40 mA, IC = 400 µA, d = .15” (3.81 mm)
IF = 40 mA, IC = 250 µA, d = .15” (3.81 mm)
IC(ON)
(3)(4)
On-State Collector Current
OPB702
OPB702D
OPB702R
OPB702RR
0.1
3.2
0.4
0.2
-
-
-
-
1.0
65.0
6.0
3.5
mA
IF = 40 mA, VCE = 5 V, d = .15” (3.81 mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com