Electronic Components Datasheet Search
  English  ▼

X  

OPB703 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB703
Description  Reflective Object Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB703 Datasheet(HTML) 4 Page - TT Electronics.

  OPB703 Datasheet HTML 1Page - TT Electronics. OPB703 Datasheet HTML 2Page - TT Electronics. OPB703 Datasheet HTML 3Page - TT Electronics. OPB703 Datasheet HTML 4Page - TT Electronics. OPB703 Datasheet HTML 5Page - TT Electronics. OPB703 Datasheet HTML 6Page - TT Electronics. OPB703 Datasheet HTML 7Page - TT Electronics. OPB703 Datasheet HTML 8Page - TT Electronics. OPB703 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-40°C to +80° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
240° C
(1)
Input Diode
Forward DC Current
40 mA
Reverse DC Voltage
2 V
Power Dissipation
100 mW
(2)
Output Photodetector
Collector-Emitter Voltage
Phototransistor
Photodarlington
30 V
15 V
Emitter-Collector Voltage
5 V
Collector DC Current
25 mA
Power Dissipation
100 mW
(2)
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
For OPB703WZ, OPB704WZ, OPB705WZ, OPB70BWZ, OPB704G, OPB704GWZ and OPB70HWZ derate linearly 1.82 mW/° C above 25° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com