Electronic Components Datasheet Search
  English  ▼

X  

AS78L05 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AS78L05
Description  100mA POSITIVE VOLTAGE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS78L05 Datasheet(HTML) 5 Page - Diodes Incorporated

  AS78L05 Datasheet HTML 1Page - Diodes Incorporated AS78L05 Datasheet HTML 2Page - Diodes Incorporated AS78L05 Datasheet HTML 3Page - Diodes Incorporated AS78L05 Datasheet HTML 4Page - Diodes Incorporated AS78L05 Datasheet HTML 5Page - Diodes Incorporated AS78L05 Datasheet HTML 6Page - Diodes Incorporated AS78L05 Datasheet HTML 7Page - Diodes Incorporated AS78L05 Datasheet HTML 8Page - Diodes Incorporated AS78L05 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AS78LXX
Document number: DSxxxxx Rev. 3 - 1
5 of 17
www.diodes.com
August 2013
© Diodes Incorporated
AS78LXX
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont.)
AS78L05C (@ VIN=10V, IOUT=40mA, CIN=0.33µF, COUT=0.1µF, TJ=25ºC, Bold typeface applies over -40oC≤TJ≤125oC, unless otherwise
specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
5.0
5.1
V
VRLINE
Line Regulation
7V≤VIN≤20V
8
150
mV
VRLOAD
Load Regulation
1mA≤IOUT≤100mA
10
60
mV
IQ
Quiescent Current
3
5.5
mA
△
IQ
Quiescent Current Change
8V≤VIN≤20V
1.5
mA
1mA≤IOUT≤40mA
0.1
PSRR
Ripple Rejection
f=120Hz, 8V≤VIN≤18V
47
62
dB
VDROP
Dropout Voltage
IOUT=40mA
1.7
V
IOUT=100mA
1.8
NO
Output Noise Voltage
10Hz≤f≤100kHz (Note 2)
40
µV
△
VOUT/△T
Output Voltage Temperature
Coefficient
IOUT=5mA
0.42
mV/
oC
(△VOUT/VOUT)/
△
T
84
ppm/
oC
θJC
Thermal Resistance
TO-92
40
ºC/W
SOT-89
28.3
SOIC-8
62
Note 2: 0.01µF minimum load capacitance is recommended to limit high frequency noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com