Electronic Components Datasheet Search
  English  ▼

X  

AZV331 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AZV331
Description  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV331 Datasheet(HTML) 2 Page - Diodes Incorporated

  AZV331 Datasheet HTML 1Page - Diodes Incorporated AZV331 Datasheet HTML 2Page - Diodes Incorporated AZV331 Datasheet HTML 3Page - Diodes Incorporated AZV331 Datasheet HTML 4Page - Diodes Incorporated AZV331 Datasheet HTML 5Page - Diodes Incorporated AZV331 Datasheet HTML 6Page - Diodes Incorporated AZV331 Datasheet HTML 7Page - Diodes Incorporated AZV331 Datasheet HTML 8Page - Diodes Incorporated AZV331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AZV331
Document number: DS36529 Rev. 2 -
2
2 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV331
A Product Line of
Diodes Incorporated
Typical Applications Circuit (Cont.)
One Shot Multivibrator
Squarewave Oscillator
Functional Block Diagram
1M
IN914
IN914
1M
1M
VCC
VO
10K
-
+
+VIN
100pF
0.001
F
AZV331
75pF
100K
VCC
4.3K
VO
100K
100K
-
+
VIN
AZV331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com