Electronic Components Datasheet Search
  English  ▼

X  

OPB712 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB712
Description  Reflective Object Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB712 Datasheet(HTML) 4 Page - TT Electronics.

  OPB712 Datasheet HTML 1Page - TT Electronics. OPB712 Datasheet HTML 2Page - TT Electronics. OPB712 Datasheet HTML 3Page - TT Electronics. OPB712 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPB712 - Output vs Distance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Distance to Reflective Surface (inches)
Kodak 90%
Kodak 18%
Copier Paper
Avery Label
Retro Reflective
Normalized at 0.080" Kodak 90%
OPB711 - Normalized Collector Current
vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
Reflective Surface Kodak 90% at distance 0.080"
VCE = 5V
OPB712 - Normalized Collector Current
vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
Reflective Surface Kodak 90% at distance 0.080"
VCE = 5V
OPB711 - Output vs Distance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Distance (inches)
Kodak 90%
Kodak 18%
Copier Paper
Avery Labels
Retro Reflective
Normalized at 0.080" Kodak 90%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com