Electronic Components Datasheet Search
  English  ▼

X  

LM2902 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # LM2902
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button LM2902_18 Datasheet HTML 3Page - Diodes Incorporated LM2902_18 Datasheet HTML 4Page - Diodes Incorporated LM2902_18 Datasheet HTML 5Page - Diodes Incorporated LM2902_18 Datasheet HTML 6Page - Diodes Incorporated LM2902_18 Datasheet HTML 7Page - Diodes Incorporated LM2902_18 Datasheet HTML 8Page - Diodes Incorporated LM2902_18 Datasheet HTML 9Page - Diodes Incorporated LM2902_18 Datasheet HTML 10Page - Diodes Incorporated LM2902_18 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM2902/LM2904
Document number: DS36780 Rev. 4 - 2
7 of 16
www.diodes.com
August 2018
© Diodes Incorporated
LM2902/LM2904
1k
10k
100k
1M
0
5
10
15
20
V
CC
=15V,V
EE
=0
R
L
=2k
Frequency (kHz)
Performance Characteristics (Cont.)
Power Supply Voltage (V)
Voltage Gain
Open Loop Frequency Response
Large Signal Frequency Response
Temperature (
℃)
Current Limit
Output Characteristics: Current Sourcing
Output Characteristics: Current Sinking
VCC/2
VCC
VO
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com