Electronic Components Datasheet Search
  English  ▼

X  

NJU6818 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6818
Description  80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6818 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6818 Datasheet HTML 3Page - New Japan Radio NJU6818 Datasheet HTML 4Page - New Japan Radio NJU6818 Datasheet HTML 5Page - New Japan Radio NJU6818 Datasheet HTML 6Page - New Japan Radio NJU6818 Datasheet HTML 7Page - New Japan Radio NJU6818 Datasheet HTML 8Page - New Japan Radio NJU6818 Datasheet HTML 9Page - New Japan Radio NJU6818 Datasheet HTML 10Page - New Japan Radio NJU6818 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
NJU6818
-7 -
PAD COORDINATES 2
Chip Size 19250
µm x 2500µm (Chip Center 0µm x 0µm )
PAD
No.
Terminal
X(
µm)
Y(
µm) PAD
No.
Terminal
X(
µm)
Y(
µm)
PAD
No.
Terminal
X(
µm)
Y(
µm)
154
VSS
157.5
-1055
205
VREG
2812.5
-1055
256
VEE
5467.5
-1055
155
VSS
202.5
-1055
206
VREG
2857.5
-1055
257
VEE
5512.5
-1055
156
VSS
247.5
-1055
207
VREG
2902.5
-1055
258
DMY70
5647.5
-1055
157
VSS
292.5
-1055
208
VREG
2947.5
-1055
259
DMY71
5692.5
-1055
158
VSS
337.5
-1055
209
VREG
2992.5
-1055
260
DMY72
5737.5
-1055
159
VSS
382.5
-1055
210
VREG
3037.5
-1055
261
DMY73
5782.5
-1055
160
DMY63
517.5
-1055
211
VREG
3082.5
-1055
262
DMY74
5827.5
-1055
161
VLCD
652.5
-1055
212
DMY67
3127.5
-1055
263
C1+
5872.5
-1055
162
VLCD
697.5
-1055
213
VREF
3172.5
-1055
264
C1+
5917.5
-1055
163
VLCD
742.5
-1055
214
VREF
3217.5
-1055
265
C1+
5962.5
-1055
164
VLCD
787.5
-1055
215
VREF
3262.5
-1055
266
C1+
6007.5
-1055
165
VLCD
832.5
-1055
216
VREF
3307.5
-1055
267
C1+
6052.5
-1055
166
VLCD
877.5
-1055
217
VREF
3352.5
-1055
268
DMY75
6097.5
-1055
167
VLCD
922.5
-1055
218
VREF
3397.5
-1055
269
DMY76
6142.5
-1055
168
VLCD
967.5
-1055
219
VREF
3442.5
-1055
270
C1-
6187.5
-1055
169
DMY64
1012.5
-1055
220
VREF
3487.5
-1055
271
C1-
6232.5
-1055
170
V1
1057.5
-1055
221
DMY68
3532.5
-1055
272
C1-
6277.5
-1055
171
V1
1102.5
-1055
222
VBA
3577.5
-1055
273
C1-
6322.5
-1055
172
V1
1147.5
-1055
223
VBA
3622.5
-1055
274
C1-
6367.5
-1055
173
V1
1192.5
-1055
224
VBA
3667.5
-1055
275
DMY77
6412.5
-1055
174
V1
1237.5
-1055
225
VBA
3712.5
-1055
276
DMY78
6457.5
-1055
175
V1
1282.5
-1055
226
VBA
3757.5
-1055
277
C2+
6502.5
-1055
176
V1
1327.5
-1055
227
VBA
3802.5
-1055
278
C2+
6547.5
-1055
177
V1
1372.5
-1055
228
VBA
3847.5
-1055
279
C2+
6592.5
-1055
178
V2
1507.5
-1055
229
VBA
3892.5
-1055
280
C2+
6637.5
-1055
179
V2
1552.5
-1055
230
DMY69
3937.5
-1055
281
C2+
6682.5
-1055
180
V2
1597.5
-1055
231
VSSH
3982.5
-1055
282
DMY79
6727.5
-1055
181
V2
1642.5
-1055
232
VSSH
4027.5
-1055
283
DMY80
6772.5
-1055
182
V2
1687.5
-1055
233
VSSH
4072.5
-1055
284
C2-
6817.5
-1055
183
V2
1732.5
-1055
234
VSSH
4117.5
-1055
285
C2-
6862.5
-1055
184
V2
1777.5
-1055
235
VSSH
4162.5
-1055
286
C2-
6907.5
-1055
185
V2
1822.5
-1055
236
VSSH
4207.5
-1055
287
C2-
6952.5
-1055
186
DMY65
1867.5
-1055
237
VSSH
4252.5
-1055
288
C2-
6997.5
-1055
187
V3
1912.5
-1055
238
VSSH
4297.5
-1055
289
DMY81
7042.5
-1055
188
V3
1957.5
-1055
239
VSSH
4342.5
-1055
290
DMY82
7087.5
-1055
189
V3
2002.5
-1055
240
VOUT
4567.5
-1055
291
C3+
7132.5
-1055
190
V3
2047.5
-1055
241
VOUT
4612.5
-1055
292
C3+
7177.5
-1055
191
V3
2092.5
-1055
242
VOUT
4657.5
-1055
293
C3+
7222.5
-1055
192
V3
2137.5
-1055
243
VOUT
4702.5
-1055
294
C3+
7267.5
-1055
193
V3
2182.5
-1055
244
VOUT
4747.5
-1055
295
C3+
7312.5
-1055
194
V3
2227.5
-1055
245
VOUT
4792.5
-1055
296
DMY83
7357.5
-1055
195
V4
2362.5
-1055
246
VOUT
4837.5
-1055
297
DMY84
7402.5
-1055
196
V4
2407.5
-1055
247
VOUT
4882.5
-1055
298
C3-
7447.5
-1055
197
V4
2452.5
-1055
248
VOUT
4927.5
-1055
299
C3-
7492.5
-1055
198
V4
2497.5
-1055
249
VEE
5152.5
-1055
300
C3-
7537.5
-1055
199
V4
2542.5
-1055
250
VEE
5197.5
-1055
301
C3-
7582.5
-1055
200
V4
2587.5
-1055
251
VEE
5242.5
-1055
302
C3-
7627.5
-1055
201
V4
2632.5
-1055
252
VEE
5287.5
-1055
303
DMY85
7672.5
-1055
202
V4
2677.5
-1055
253
VEE
5332.5
-1055
304
DMY86
7717.5
-1055
203
DMY66
2722.5
-1055
254
VEE
5377.5
-1055
305
C4+
7762.5
-1055
204
VREG
2767.5
-1055
255
VEE
5422.5
-1055
306
C4+
7807.5
-1055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com