Electronic Components Datasheet Search
  English  ▼

X  

LMV393 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LMV393
Description  GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV393 Datasheet(HTML) 4 Page - Diodes Incorporated

  LMV393 Datasheet HTML 1Page - Diodes Incorporated LMV393 Datasheet HTML 2Page - Diodes Incorporated LMV393 Datasheet HTML 3Page - Diodes Incorporated LMV393 Datasheet HTML 4Page - Diodes Incorporated LMV393 Datasheet HTML 5Page - Diodes Incorporated LMV393 Datasheet HTML 6Page - Diodes Incorporated LMV393 Datasheet HTML 7Page - Diodes Incorporated LMV393 Datasheet HTML 8Page - Diodes Incorporated LMV393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LMV331/ LMV393
Document number: DS37022 Rev. 2 - 2
4 of 13
www.diodes.com
August 2015
© Diodes Incorporated
LMV331/ LMV393
Typical Performance Characteristics (@TA = +25°C, unless otherwise specified.)
Supply Current vs. Supply Voltage (LMV331)
Supply Current vs. Supply Voltage (LMV331)
Supply Current vs. Temperature (LMV331)
Supply Current vs. Temperature (LMV331)
Supply Current vs. Temperature (LMV393)
Supply Current vs. Temperature (LMV393)
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
50
55
60
Supply Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
Output High
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage (V)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
Output Low
-40
-20
0
20
40
60
80
100
120
35
40
45
50
55
60
65
70
75
80
Output High
Output Low
V
CC
=5V, V
EE
=0V
Temperature (
OC)
-40
-20
0
20
40
60
80
100
120
35
40
45
50
55
60
65
70
75
Output High
Output Low
V
CC
=2.7V, V
EE
=0V
Temperature (
OC)
-40
-20
0
20
40
60
80
100
120
40
50
60
70
80
90
100
110
120
130
140
150
160
Tempareture (
oC)
Output High
Output Low
V
CC
=5V, V
EE
=0V
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Tempareture (
oC)
Output High
Output Low
V
CC
=2.7V, V
EE
=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com