Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1008Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1008Q
Description  AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1008Q Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXCT1008Q Datasheet HTML 1Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 2Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1008Q Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZXCT1008Q
Document number: DS36890 Rev. 2 - 2
7 of 9
www.diodes.com
June 2015
© Diodes Incorporated
ZXCT1008Q
Q
A Product Line of
Diodes Incorporated
Application Information (cont.)
PCB Trace Shunt Resistor for Low Cost Solution
The figure below shows output characteristics of the device when using a PCB resistive trace for a low cost solution in replacement for a
conventional shunt resistor. The graph shows the linear rise in voltage across the resistor due to the PTC of the material and demonstrates how
this rise in resistance value over temperature compensates for the NTC of the device.
he figure opposite shows a CB layout suggestion. he resistor section is 25mm x 0.25mm giving approximately 150mΩ using 1oz copper.
he data for the normalized graph was obtained using a 1A load current and a 100Ω output resistor. An electronic version of the PCB layout is
available through Diodes applications group.
Layout shows area of shunt resistor compared to SOT23 package.
Not actual size
.
Ordering Information
Device
Packaging
(Note 9)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 10)
Quantity
Tape Width
Part Number Suffix
ZXCT1008QFTA
SOT23
F
108
3000 Units
8mm
7‖
Grade 1
Notes: 9. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
10. ZXCT1008Q has been qualified to AEC-Q100 grade 1 and
is classified as ―Automotive Grade‖ which supports PPAP documentation.
See ZXCT1008 datasheet for commercial qualified version.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com