Electronic Components Datasheet Search
  English  ▼

X  

CPC1014N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1014N
Description  60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1014N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1014N Datasheet HTML 1Page - IXYS Corporation CPC1014N Datasheet HTML 2Page - IXYS Corporation CPC1014N Datasheet HTML 3Page - IXYS Corporation CPC1014N Datasheet HTML 4Page - IXYS Corporation CPC1014N Datasheet HTML 5Page - IXYS Corporation CPC1014N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1014N
www.ixysic.com
3
R06
PERFORMANCE DATA*
On-Resistance ( )
0.505 0.510 0.515 0.520 0.525 0.530 0.535
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=1mA, IL=400mA)
LED Current (mA)
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=400mA)
LED Current (mA)
0.16
0.18
0.20
0.22
0.24
0.26
0
5
10
15
20
25
Typical I
F for Switch Dropout
(N=50, I
L=400mA)
Blocking Voltage (V
P)
63.5
64.0
64.5
65.0
65.5
66.0
66.5
0
5
10
15
20
25
30
35
Typical Blocking Voltage Distribution
(N=50)
Turn-On Time (ms)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.55
0.65
0.75
0.85
0.95
1.05
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Time
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Turn-On Time vs. LED Forward Current
(I
L=80mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Turn-Off Time vs. LED Forward Current
(I
L=80mA)
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com