Electronic Components Datasheet Search
  English  ▼

X  

P89LPC915FDH Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89LPC915FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC915FDH Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89LPC915FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 66Page - NXP Semiconductors P89LPC915FDH Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Philips Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 04 — 17 December 2004
63 of 72
9397 750 14397
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
tSPILEAD
Enable lead time (Slave)
see Figure 24,
25
3.0 MHz
250
-
250
-
ns
tSPILAG
Enable lag time (Slave)
see Figure 24,
25
3.0 MHz
250
-
250
-
ns
tSPICLKH
SPICLK high time
see Figure 22,
23, 24, 25
Master
2
⁄
CCLK
-
111
-
ns
Slave
3
⁄
CCLK
-
167
-
ns
tSPICLKL
SPICLK low time
see Figure 22,
23, 24, 25
Master
2
⁄
CCLK
-
111
-
ns
Slave
3
⁄
CCLK
-
167
-
ns
tSPIDSU
Data set-up time (Master or Slave) see Figure 22,
23, 24, 25
100
-
100
-
ns
tSPIDH
Data hold time (Master or Slave)
see Figure 22,
23, 24, 25
100
-
100
-
ns
tSPIA
Access time (Slave)
see Figure 24,
25
0
80
0
80
ns
tSPIDIS
Disable time (Slave)
see Figure 24,
25
3.0 MHz
0
160
-
160
ns
tSPIDV
Enable to output data valid
see Figure 22,
23, 24, 25
3.0 MHz
0
160
-
160
ns
4.5 MHz
0
111
-
111
ns
tSPIOH
Output data hold time
see Figure 22,
23, 24, 25
0-
0
-
ns
tSPIR
Rise time
see Figure 22,
23, 24, 25
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns
Table 15:
AC characteristics…continued
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, −40 °C to +125 °C extended, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com