Electronic Components Datasheet Search
  English  ▼

X  

CPC1018N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1018N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1018N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1018N Datasheet HTML 1Page - IXYS Corporation CPC1018N Datasheet HTML 2Page - IXYS Corporation CPC1018N Datasheet HTML 3Page - IXYS Corporation CPC1018N Datasheet HTML 4Page - IXYS Corporation CPC1018N Datasheet HTML 5Page - IXYS Corporation CPC1018N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1018N-R13
1
CPC1018N
60V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
Part #
Description
CPC1018N
4-Pin SOP (100/tube)
CPC1018NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
600
mA
rms / mADC
On-Resistance (max)
0.8
LED Current to operate
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for Use in Security Systems Complying
with EN50130-4
• Only 1mA of LED Current Required to Operate
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
The CPC1018N is a miniature single-pole,
normally-open (1-Form-A) solid state relay in a
4-pin SOP package that employs optically coupled
MOSFET technology to provide 1500V
rms of input to
output isolation. The super efficient MOSFET switches
and photovoltaic die use IXYS Integrated Circuits
Division’s patented OptoMOS architecture while the
optically coupled output is controlled by a highly
efficient infrared LED.
IXYS Integrated Circuits Division’s state of the art
double-molded vertical construction packaging
enables the CPC1018N to be one of the world’s
smallest relays. It offers board space savings of at
least 20% over the competitor’s larger 4-pin SOP
relay.
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
1
2
3
4
+ Control
– Control
Load
Load
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003


Similar Part No. - CPC1018N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1018NTR CLARE-CPC1018NTR Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1018NTR CLARE-CPC1018NTR Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1018N CLARE-CPC1018N_1 Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1018N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1117N IXYS-CPC1117N Datasheet
172Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com