Electronic Components Datasheet Search
  English  ▼

X  

CPC1218 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1218
Description  Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1218 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1218 Datasheet HTML 1Page - IXYS Corporation CPC1218 Datasheet HTML 2Page - IXYS Corporation CPC1218 Datasheet HTML 3Page - IXYS Corporation CPC1218 Datasheet HTML 4Page - IXYS Corporation CPC1218 Datasheet HTML 5Page - IXYS Corporation CPC1218 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1218-R06
1
CPC1218
Voltage-Controlled, Single-Pole,
Normally Open, 4-Pin SIP OptoMOS® Relay
e3
Pb
Part #
Description
CPC1218Y
4-Pin SIP (8-Pin Body) (25/tube)
CPC1218
Units
Blocking Voltage
60
V
P
Load Current
600
mA
rms / mADC
On-Resistance (max)
1.1
Input Voltage to operate
5-12
V
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Energy Meters
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Voltage-Controlled Operation
• Designed for use in Security Systems Complying
with EN50130-4
• 2500V
rms Input/Output Isolation
• 100% Solid State
• Matches Popular Reed Relay Pin-Out
• TTL/CMOS Compatible Input
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Small 4-Pin SIP Package
• Auto Pick & Place, Wave Solderable
The CPC1218 is a miniature voltage-controlled,
single-pole, normally open (1-Form-A) Solid State
Relay in a 4-pin Single In-line Package (SIP) that
employs optically coupled MOSFET technology to
provide 2500V
rms of input to output isolation. The
super efficient MOSFET switches and photovoltaic
die use IXYS Integrated Circuits Division’s patented
OptoMOS architecture. The optically-coupled output is
controlled by the input's highly efficient GaAlAs infrared
LED with a built-in series resistor to provide input
voltage-controlled operation.
Featuring a pin-out that matches many popular reed
relays, CPC1218 is a "drop-in" solid state replacement.
Because the input is solid state there is no need for
snubbers or "catch" diodes to suppress the inductive
fly-back transient voltage normally associated with
EMR coils.
CPC1218 Pinout
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
• UL 508 Approved Component: File E69938
• CSA Certified Component: Certificate 1172007
1234
–
+


Similar Part No. - CPC1218

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
CPC1218Y CLARE-CPC1218Y Datasheet
161Kb / 5P
4-Pin SIP OptoMOS Relay
CPC1218Y CLARE-CPC1218Y Datasheet
101Kb / 5P
4-Pin SIP OptoMOS짰 Relay
logo
Littelfuse
CPC1218Y LITTELFUSE-CPC1218Y Datasheet
343Kb / 6P
60V, 600mA Voltage-Controlled
11/18/2025
More results

Similar Description - CPC1218

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA715 IXYS-LCA715 Datasheet
128Kb / 7P
Single-Pole, Normally Open 6-Pin OptoMOS Relay
CPC1215 IXYS-CPC1215 Datasheet
112Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open OptoMOS Relay
CPC1219 IXYS-CPC1219 Datasheet
117Kb / 6P
Voltage-Controlled, Single-Pole, Normally Closed, 4-Pin SIP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1390 IXYS-CPC1390 Datasheet
137Kb / 7P
Single Pole, Normally Open 4-Pin OptoMOS Relay
CPC1393 IXYS-CPC1393 Datasheet
135Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1217 IXYS-CPC1217 Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
CPC1330 IXYS-CPC1330 Datasheet
132Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
CPC1394 IXYS-CPC1394 Datasheet
136Kb / 7P
Single-Pole, Normally Open 4-Pin OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com