Electronic Components Datasheet Search
  English  ▼

X  

CPC1390G Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1390G
Description  Single Pole, Normally Open 4-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1390G Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1390G Datasheet HTML 1Page - IXYS Corporation CPC1390G Datasheet HTML 2Page - IXYS Corporation CPC1390G Datasheet HTML 3Page - IXYS Corporation CPC1390G Datasheet HTML 4Page - IXYS Corporation CPC1390G Datasheet HTML 5Page - IXYS Corporation CPC1390G Datasheet HTML 6Page - IXYS Corporation CPC1390G Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1390
www.ixysic.com
3
R08
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.420 0.455 0.490 0.525 0.560 0.595 0.630
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=10mA, IL=140mA)
Turn-Off Time (ms)
0.33
0.35
0.38
0.40
0.42
0.45
0.47
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=10mA, IL=140mA)
LED Current (mA)
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=140mA)
35
30
25
20
15
10
5
0
13.5
14.5
15.5
13.0
14.0
15.0
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=140mADC)
On-resistance ( )
35
30
25
20
15
10
5
0
450.5
468.5
486.5
441.5
459.5
477.5
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Operation
(I
L=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Typical Turn-Off Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
I
F=10mA
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=5mA
I
F=10mA
Typical LED Forward Voltage Drop
vs. Temperature
LED Current (mA)
0
1020
304050
0
1
2
3
4
5
6
Typical Turn-On Time
vs. LED Forward Current
(I
L=70mA)
LED Current (mA)
0
1020
304050
0.38
0.39
0.40
0.41
0.42
0.43
0.44
Typical Turn-Off Time
vs. LED Forward Current
(I
L=70mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com