Electronic Components Datasheet Search
  English  ▼

X  

CPC1511 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1511
Description  Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1511 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1511 Datasheet HTML 1Page - IXYS Corporation CPC1511 Datasheet HTML 2Page - IXYS Corporation CPC1511 Datasheet HTML 3Page - IXYS Corporation CPC1511 Datasheet HTML 4Page - IXYS Corporation CPC1511 Datasheet HTML 5Page - IXYS Corporation CPC1511 Datasheet HTML 6Page - IXYS Corporation CPC1511 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1511
www.ixysic.com
3
R02
*The Performance data shown in the graphs above is typical of device operation. Unless otherwise noted, data is presented at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
PERFORMANCE DATA*
Forward Voltage Drop (V)
1.199
1.209
1.219
1.229
1.239
0
10
20
30
40
50
LED Forward Voltage Drop Distribution
(N=50, I
F=5mA)
LED Current (mA)
0.59
0.99
1.39
1.79
2.19
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
F=5mA, IL=100mADC)
LED Current (mA)
0.19
0.59
0.99
1.39
1.79
0
5
10
15
20
25
30
35
40
Typical I
F for Switch Dropout
(N=50, I
F=5mA, IL=100mADC)
On-Resistance ( )
2.7
2.8
2.9
3.0
3.1
0
5
10
15
20
25
30
35
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=100mADC)
Turn-On Time (ms)
0.59
0.99
1.39
1.79
0
10
20
30
40
50
Typical Turn-On Time Distribution
(N=50, I
F=5mA, IL=100mADC)
Turn-Off Time (ms)
0.095 0.100 0.105 0.110 0.115 0.120 0.125
0
5
10
15
20
25
Typical Turn-Off Time Distribution
(N=50, I
F=5mA, IL=100mADC)
Load Current (A)
0.80
0.90
1.00
1.10
0
10
20
30
40
50
Typical Current Limit Distribution
(N=50, I
F=5mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Dropout
vs. Temperature
(I
L=1
A)
Temperature (ºC)
-50
-25
0
25
50
75
100
1.0
1.2
1.4
1.6
1.8
LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2.5mA
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-50
-25
0
25
50
75
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com