Electronic Components Datasheet Search
  English  ▼

X  

CPC1510GSTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1510GSTR
Description  Single-Pole, Normally Open Relay with Integrated Current Limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1510GSTR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1510GSTR Datasheet HTML 1Page - IXYS Corporation CPC1510GSTR Datasheet HTML 2Page - IXYS Corporation CPC1510GSTR Datasheet HTML 3Page - IXYS Corporation CPC1510GSTR Datasheet HTML 4Page - IXYS Corporation CPC1510GSTR Datasheet HTML 5Page - IXYS Corporation CPC1510GSTR Datasheet HTML 6Page - IXYS Corporation CPC1510GSTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1510-R03
1
CPC1510
Single-Pole, Normally Open Relay
with Integrated Current Limit
e3
Pb
Applications
Features
Description
Parameter
Rating
Units
Blocking Voltage
250
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
15
Pin Configuration
Switching Characteristics of
Normally Open Devices
• Integrated Active Current-Limit Protection
• Thermal Shutdown
• Linear AC or DC Operation
• Low Power Consumption
• Clean, Bounce-free Switching
• High Surge Capability
• Low Power Drive Requirements
• Surface Mount version available
• Tape & Reel packaging available
• General Telecom Switching
• Hook Switch
• Ringing Relay
• Dial Pulsing
• Ground Start
• Ground Fault Protection
• Instrumentation
• Automatic Tuning/Balancing
• Flying Capacitor
• Analog Multiplex
• Peripherals
• Automatic Tuning/Balancing
• Transducer Driver
• Security
• Medical Equipment
The CPC1510 is a single-pole, normally
open (1-Form-A) Solid State Relay with an
integrated current limit feature that can replace
electromechanical relays while enhancing the
robustness of wireline-interface applications.
The relay is constructed using a GaAIAs LED for
actuation control and an integrated monolithic die for
the switch output. The die, fabricated in a
high-voltage dielectrically isolated technology,
comprises a photodiode array, switch control with
active current limiting circuitry, and MOSFET
switches. The active current limit circuitry in the
CPC1510 also provides a thermal shutdown feature
offering excellent power cross immunity for improved
survivability in harsh environments.
These enhancements greatly improve the robustness
of end systems using this device compared to
systems using relays without the integrated current
limit. In addition, the active current limit circuitry
enables the CPC1510 to pass FCC 68.302 and
other regulatory voltage surge requirements when
adequate overvoltage protection is provided. The
CPC1510 relay may be used in both unidirectional
DC applications as well as bi-directional AC
applications.
Approvals
• UL Approved Component: File # E76270
• CSA Certified Component: Certificate # 1172007
• EN/IEC 60950-1 Certified Component:
Certificate B10 05 49410 006
Ordering Information
Part #
Description
CPC1510G
6-Pin 0.250" Wide, Through Hole (50/Tube)
CPC1510GS
6-Pin 0.250" Wide, Surface Mount (50/Tube)
CPC1510GSTR
6-Pin 0.250" Wide, Surface Mount (1000/Reel)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - CPC1510GSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1510GSTR CLARE-CPC1510GSTR Datasheet
182Kb / 5P
1-Form-A Solid State Relay with Integrated Current Limit
More results

Similar Description - CPC1510GSTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1593 IXYS-CPC1593 Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
CPC1511 IXYS-CPC1511 Datasheet
147Kb / 7P
Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
CPC1563 IXYS-CPC1563 Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com