Electronic Components Datasheet Search
  English  ▼

X  

PI6C41204AL Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C41204AL
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41204AL Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C41204AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C41204AL Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
Table 5b. LVCMOS/LVTTL DC Characteristics, (VCC = 3.3V ± 5%, TA = –40°C to +85°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
1
K
L
C
,
0
K
L
C2
5
6
7
.
3
V
N
E
_
K
L
C
L
E
S
_
K
L
C
25
6
7
.
3
V L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
1
K
L
C
,
0
K
L
C3
.
0
—8
.
0
N
E
_
K
L
C
L
E
S
_
K
L
C
3
.
0
—8
.
0
I H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
,
0
K
L
C
L
E
S
_
K
L
C
V N
I
=V C
C
V
5
6
4
.
3
=0
5
1
μA
N
E
_
K
L
CV N
I
=V C
C
V
5
6
4
.
3
=5
I L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
,
0
K
L
C
L
E
S
_
K
L
C
V N
I
,
V
0
=V C
C
V
5
6
4
.
3
=5
—
N
E
_
K
L
CV N
I
,
V
0
=V C
C
V
5
6
4
.
3
=0
5
1
—
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S5
3
1
.
33
.
35
6
4
.
3V
I E
E
t
n
e
r
r
u
C
y
l
p
p
u
S0
5A
m
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
4
–5
8C
°
Table 5a. Operating Conditions (Industrial)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com