Electronic Components Datasheet Search
  English  ▼

X  

CPC1019N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1019N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1019N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1019N Datasheet HTML 1Page - IXYS Corporation CPC1019N Datasheet HTML 2Page - IXYS Corporation CPC1019N Datasheet HTML 3Page - IXYS Corporation CPC1019N Datasheet HTML 4Page - IXYS Corporation CPC1019N Datasheet HTML 5Page - IXYS Corporation CPC1019N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1019N
www.ixysic.com
3
R05
PERFORMANCE DATA*
Blocking Voltage (V
P)
74.5
75.0
75.5
76.0
76.5
77.0
0
5
10
15
20
25
30
35
Typical Blocking Voltage Distribution
(N=50)
Turn-On Time (ms)
0.335
0.385
0.435
0.485
0.535
0.585
0
5
10
15
20
25
Typical Turn-On Time Distribution
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.38
0.39
0.40
0.41
0.42
0.43
0
5
10
15
20
25
Typical Turn-Off Time Distribution
(N=50, I
F=5mA, IL=100mA)
On-Resistance ( )
0.31
0.32
0.33
0.34
0.35
0.36
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=0.75A)
LED Current (mA)
0.105
0.120
0.135
0.150
0.165
0.180
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=100mA)
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
0
5
10
15
20
25
LED Forward Voltage Distribution
(N=50, I
F=5mA)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
Typical LED Current to Operate
vs. Temperature
(I
L=500mA)
Temperature (ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
Typical Turn-On Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Typical Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=2mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0.0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com