Electronic Components Datasheet Search
  English  ▼

X  

OVSPYBCR44 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSPYBCR44
Description  1-Watt SMD 6x6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPYBCR44 Datasheet(HTML) 3 Page - TT Electronics.

  OVSPYBCR44 Datasheet HTML 1Page - TT Electronics. OVSPYBCR44 Datasheet HTML 2Page - TT Electronics. OVSPYBCR44 Datasheet HTML 3Page - TT Electronics. OVSPYBCR44 Datasheet HTML 4Page - TT Electronics. OVSPYBCR44 Datasheet HTML 5Page - TT Electronics. OVSPYBCR44 Datasheet HTML 6Page - TT Electronics. OVSPYBCR44 Datasheet HTML 7Page - TT Electronics. OVSPYBCR44 Datasheet HTML 8Page - TT Electronics. OVSPYBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B 11/2011
Page 3 of 11
1-Watt SMD 6x6mm Dome Lens
OVSPxBCR44 Series
Blue:
OVSPBBCR44
Code
Min (mcd)
Max (mcd)
AC
11,250
14,000
AD
14,000
18,000
AE
18,000
22,400
Code
Min (mcd)
Max (mcd)
AJ
45,000
56,000
AK
56,000
71,500
AL
71,500
90,000
Green: OVSPGBCR44
Luminous Intensity (IV) @ 350mA
Red:
OVSPRBCR44
Code
Min (mcd)
Max (mcd)
AH
35,500
45,000
AJ
45,000
56,000
AK
56,000
71,500
Code
Min (mcd)
Max (mcd)
AH
35,500
45,000
AJ
45,000
56,000
AK
56,000
71,500
Yellow: OVSPYBCR44
Luminous Intensity (IV ) @ 400mA
A
585 - 588 nm
B
588 - 591 nm
Yellow: OVSPYBCR44
C
591 - 594 nm
D
594 - 597 nm
Red: OVSPRBCR44
Full
620 - 630 nm
Dominant Wavelength (nm)
AO
520 - 525 nm
A
525 - 530 nm
Green: OVSPGBCR44
B
530 - 535 nm
Blue: OVSPBBCR44
B
460 - 465 nm
A
455 - 460 nm
Standard Bins
LEds are sorted to the luminous intensity (IV) and dominant wavelength (nm) codes listed below. Each reel con-
sists of a single intensity code and a single color code. Orders are filled utilizing all of the intensity codes and color
codes listed in the following tables. Optek will not accept orders for single intensity codes or single color codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com