Electronic Components Datasheet Search
  English  ▼

X  

OVSPWBCR44 Datasheet(PDF) 5 Page - TT Electronics.

Part # OVSPWBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPWBCR44 Datasheet(HTML) 5 Page - TT Electronics.

  OVSPWBCR44 Datasheet HTML 1Page - TT Electronics. OVSPWBCR44 Datasheet HTML 2Page - TT Electronics. OVSPWBCR44 Datasheet HTML 3Page - TT Electronics. OVSPWBCR44 Datasheet HTML 4Page - TT Electronics. OVSPWBCR44 Datasheet HTML 5Page - TT Electronics. OVSPWBCR44 Datasheet HTML 6Page - TT Electronics. OVSPWBCR44 Datasheet HTML 7Page - TT Electronics. OVSPWBCR44 Datasheet HTML 8Page - TT Electronics. OVSPWBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Issue A.1 10/07
Page 5 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
Standard Bins (IF = 350 mA)
OVSPWWBCR44 (Warm White)
Lamps are sorted to luminous flux ( ), luminous intensity (Iv), chromaticity coordinates, and correlated color tem-
perature (CCT) bins shown. Orders may be filled with any or all bins contained as below.
Color Bin Minimum CCT (K) Maximum CCT (K)
A
3300
3600
B
3000
3300
C
2800
3000
Luminous Flux (lm)
Bin
Min
Max
Min
Max
AB
25.0
32.0
9
11.25
AC
32.0
39.0
11.25
14
Luminous Intensity (cd)
AD
39.0
50.0
14
18
Bin
1
2
3
4
A
CX
0.400
0.420
0.420
0.400
CY
0.340
0.362
0.408
0.387
B
CX
0.420
0.440
0.440
0.420
CY
0.362
0.383
0.430
0.408
CX
0.440
0.460
0.460
0.440
CY
0.383
0.405
0.452
0.430
C
Warm White Bin Structure
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0.390 0.400 0.410 0.420 0.430 0.440 0.450 0.460 0.470
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com