Electronic Components Datasheet Search
  English  ▼

X  

OVTL09LGAB Datasheet(PDF) 5 Page - TT Electronics.

Part # OVTL09LGAB
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LGAB Datasheet(HTML) 5 Page - TT Electronics.

  OVTL09LGAB Datasheet HTML 1Page - TT Electronics. OVTL09LGAB Datasheet HTML 2Page - TT Electronics. OVTL09LGAB Datasheet HTML 3Page - TT Electronics. OVTL09LGAB Datasheet HTML 4Page - TT Electronics. OVTL09LGAB Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Issue A.5 08/06
Page 5 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Packaging: 25 pieces per tray
OPTEK Lednium Turtle Markings
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips.
Typically, the lumen output of these chips can be as high as 70% after 50,000 hours of operation. This
prediction is based on specific test results and on tests on similar materials, and relies on strict
observation of the design limits and ratings included in this data sheet.
10-Watt Lednium SMD
OVTL09LGx Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com