Electronic Components Datasheet Search
  English  ▼

X  

REF3233AIDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3233AIDBVT
Description  4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3233AIDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3233AIDBVT Datasheet HTML 6Page - Texas Instruments REF3233AIDBVT Datasheet HTML 7Page - Texas Instruments REF3233AIDBVT Datasheet HTML 8Page - Texas Instruments REF3233AIDBVT Datasheet HTML 9Page - Texas Instruments REF3233AIDBVT Datasheet HTML 10Page - Texas Instruments REF3233AIDBVT Datasheet HTML 11Page - Texas Instruments REF3233AIDBVT Datasheet HTML 12Page - Texas Instruments REF3233AIDBVT Datasheet HTML 13Page - Texas Instruments REF3233AIDBVT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058 −JUNE 2005
www.ti.com
11
ADS7822
REF3233
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
−In
GND
GND
V
IN
V
S
+
+
5
Ω
1
µFto 10µF
0.47
µF
1
µFto 10µF
0.1
µF
Microcontroller
V+
3.3V
21
3
5
64
Figure 6. Basic Data Acquisition System 1
ADS8324
REF3212
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
−In
GND
GND
VS
V
IN
+
+
5
Ω
1
µFto 10µF
1
µFto 10µF
0.1
µF
0V to 1.25V
V
OUT =1.25V
Microcontroller
2.5V Supply
2.5V
1
2
34
5
6
Figure 7. Basic Data Acquisition System 2
ADS8381
REF3240
10
Ω
1k
Ω
1k
Ω
10
Ω
0.1
µF
1
µF
22
µF
V
OUT = 4.096V
V
REF
+5V
56
3
4
2
1
500
Ω
0.22
µF
THS4031
+5V
−5V
V
IN
6800pF
Figure 8. REF3240 Provides an Accurate Reference for Driving the ADS8381



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com