Electronic Components Datasheet Search
  English  ▼

X  

SM5162 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM5162
Description  RF remote control encoder paired with SM5172.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5162 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM5162 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5162 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3
OCT. 2001
PIN FUNCTION
No.
1
2
3
4
5
6
7
Pin Name
A0
A1
A2
A3
A4
A5
A6/D5
I/O
I
I
I
I
I
I
I/O
Function Operation
Address input, each pin can be set to "0",
"1" , or floating.
Address input or data output.
Negative power supply.
Address input or data output.
8
9
10
A7/D4
VSS
A8/D3
I/O
POWER
I/O
11
12
A9/D2
A10/D1
I/O
I/O
13
A11/D0
I/O
14
15
OSC1
I
Resistor connected between these two pins
determine the system clock.
16
OSC2
O
17
Dout
O
Serial output of encoded signals.
18
VDD
POWER
Positive power supply.
TE
I
Enables transmission.
LED
O
LED Output.
SM5162
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com