Electronic Components Datasheet Search
  English  ▼

X  

CPC1303G Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1303G
Description  Optocoupler with Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1303G Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1303G Datasheet HTML 1Page - IXYS Corporation CPC1303G Datasheet HTML 2Page - IXYS Corporation CPC1303G Datasheet HTML 3Page - IXYS Corporation CPC1303G Datasheet HTML 4Page - IXYS Corporation CPC1303G Datasheet HTML 5Page - IXYS Corporation CPC1303G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1303
www.ixysic.com
3
R05
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0
10
20
30
40
50
LED Voltage vs. LED Current
(Linear)
LED Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
LED Voltage vs. LED Current
(LOG)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=5mA
I
F=10mA
I
F=20mA
I
F=0.2mA
I
F=1mA
I
F=2mA
LED Forward Current ( A)
1
10
100
1000
0
200
400
600
800
1000
1200
LED Forward Current vs. CTR
-40ºC
85ºC
25ºC
Collector Voltage (V)
01
2
3
4
5
0
10
20
30
40
50
60
Typical Collector Voltage vs.
Typical Collector Current
I
F=5mA
I
F=3mA
I
F=2mA
I
F=1mA
I
F=0.5mA
I
F=0.2mA
Temperature (ºC)
-40
0
40
80
120
1
10
100
1000
10000
100000
I
CE Current vs. Temperature
I
F=1000
A
I
F=1
A
I
F=2
A
I
F=5
A
I
F=10
A
I
F=20
A
I
F=50
A
I
F=100
A
I
F=200
A
I
F=500
A
Load Resistance (k )
0
20406080
100
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Turn-On Time vs. Load Resistance
(I
F=1mA, VCC=5V)
Load Resistance (k )
0
20406080
100
0
50
100
150
200
250
300
350
Turn-Off Time vs. Load Resistance
(V
CC=5V, IF=1mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.06
0.08
0.10
0.12
0.14
0.16
Saturation Voltage vs. Temperature
(I
F=1mA, ICE=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
87
88
89
90
91
92
93
94
95
96
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Leakage Current vs. Temperature
V
CE Leakage 10V
V
CE Leakage 3V
V
CE Leakage 5V
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com