Electronic Components Datasheet Search
  English  ▼

X  

CPC1303GR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1303GR
Description  Optocoupler with Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1303GR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1303GR Datasheet HTML 1Page - IXYS Corporation CPC1303GR Datasheet HTML 2Page - IXYS Corporation CPC1303GR Datasheet HTML 3Page - IXYS Corporation CPC1303GR Datasheet HTML 4Page - IXYS Corporation CPC1303GR Datasheet HTML 5Page - IXYS Corporation CPC1303GR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1303-R05
1
CPC1303
Optocoupler with
Single-Transistor Output
Part Number
Description
CPC1303G
4-Pin DIP (100/Tube)
CPC1303GR
4-Pin Surface Mount, Tubed (100/Tube)
CPC1303GRTR
4-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio
200
%
Saturation Voltage
0.5
V
Input Control Current
0.2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment: Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 4-pin Package
The CPC1303 is a unidirectional input optocoupler
with a single-transistor output, which uses optically
coupled technology to provide an enhanced 5000V
rms
isolation barrier between the input and the output.
The optically coupled output is controlled by a highly
efficient infrared LED.
This optocoupler satisfies the PD output requirements
of IXYS Integrated Circuits Division's CPC1466
Broadband ADSL/VDSL DC Termination IC.
Approvals
• UL 1577 Approved Component: File E76270
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
1
A
K
C
E
2
4
3


Similar Part No. - CPC1303GR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1303GR CLARE-CPC1303GR Datasheet
117Kb / 5P
Single-Transistor Optocoupler
CPC1303GRTR CLARE-CPC1303GRTR Datasheet
117Kb / 5P
Single-Transistor Optocoupler
More results

Similar Description - CPC1303GR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
logo
Sensitron
SHD-4136-XXX SENSITRON-SHD-4136-XXX Datasheet
85Kb / 4P
Transistor Output Optocoupler
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
CPC1303 CLARE-CPC1303 Datasheet
117Kb / 5P
Single-Transistor Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com