Electronic Components Datasheet Search
  English  ▼

X  

CPC1465 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC1465
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1465 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC1465 Datasheet HTML 6Page - IXYS Corporation CPC1465 Datasheet HTML 7Page - IXYS Corporation CPC1465 Datasheet HTML 8Page - IXYS Corporation CPC1465 Datasheet HTML 9Page - IXYS Corporation CPC1465 Datasheet HTML 10Page - IXYS Corporation CPC1465 Datasheet HTML 11Page - IXYS Corporation CPC1465 Datasheet HTML 12Page - IXYS Corporation CPC1465 Datasheet HTML 13Page - IXYS Corporation CPC1465 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1465
10
www.ixysic.com
R05
2. Functional Description
2.1 Introduction
The CPC1465 can be used for a number of designs
requiring a dc hold circuit such as SHDSL modem and
ISDN NT1 terminal applications. Typical SHDSL
applications will use a circuit design similar to the one
shown in Figure 10‚ “Typical ISDN NT1 Application
Diagram” on page 9 while the typical ISDN NT1 circuit
design will be similar to the one shown in Figure 10‚
“Typical ISDN NT1 Application Diagram” on page 9.
The DC Termination IC performs two functions in an
ISDN NT1 terminal; as an electronic inductor providing
a low impedance dc termination with a high
impedance ac termination, and second as part of the
dc signalling system for automated line testing
capability. The CPC1465 meets or exceeds the
requirements for an NT1 dc termination as described
in ANSI T1.601-1991.
Whereas the SHDSL modem application does not
have a signalling requirement, the signaling function
provides an excellent method to monitor for the loss of
sealing current. Generally, loss of sealing current in an
SHDSL application indicates loop loss.
As can be seen in the application circuit in Figure 1 on
page 1, CPC1465 designs require few external
components. For the most basic design, all that is
needed is a circuit protector, two resistors and a
capacitor.
2.2 Surge Protection
Although the CPC1465 is current limited, it is not an
over-voltage surge protector. To protect the CPC1465
against destructive over-voltage transients, IXYS
Integrated Circuits recommends the use of a
crowbar-type surge protector that limits the surge
voltage seen by the CPC1465 to 250 V. The protection
device must be able to withstand the surge
requirements specified by the appropriate governing
agency in regions where the product will be deployed.
Littelfuse, Inc. makes suitable surge protectors for
most applications. Devices such as Littelfuse's
P1800SCL or P2000SCL SIDACtor devices should
provide suitable protection.
2.3 Bridge Rectifier
The bridge rectifier in the CPC1465 ensures that the
device is polarity insensitive and provides consistent
operational characteristics if the tip and ring leads are
reversed.
2.4 State Transitions
The dc tip to ring voltage-current characteristics of the
CPC1465 are shown in Figure 2‚ “I-V Requirements
Template, 0 V to 50 V”, and in Figure 3‚ “I-V
Requirements Template, 0 V to 250 V” on page 5.
Transition timings are illustrated in Figure 7‚ “Applied
Waveform for Activation Test”, and in Figure 8‚
“Applied Waveform for Deactivation Test”. The test
configuration for these timings is given in Figure 6‚
“Test Circuit for Activate and Deactivate Times”. All
timing figures are located on page 7.
State transition timings are set by the 1
F capacitor
connected between the TC and COM pins.
2.4.1 Activation - On-State
Application of battery voltage to the loop causes the
CPC1465 to conduct whenever the voltage exceeds
approximately 35 V. With application of sufficient
voltage applied across the tip and ring terminals, the
CPC1465 will initially conduct a nominal 150
A of
sealing current for approximately 20 ms prior to
activation. Once activated, the CPC1465 will remain in
the on state for as long as the loop current exceeds a
nominal 0.5 mA.
The CPC1465 turn-on timing circuit assures device
activation will occur within 50 ms of an applied voltage
greater than 43.5 V but not within the first 3 ms.
2.4.2 Deactivation - Off-State
While the CPC1465 activation protocol is based on an
initial minimum voltage level, deactivation is based on
a diminished sealing current level. Deactivation occurs
when the nominal sealing current level drops below
0.5 mA with guaranteed deactivation occurring for
sealing current levels less than 0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com