Electronic Components Datasheet Search
  English  ▼

X  

CPC5750UTR Datasheet(PDF) 19 Page - IXYS Corporation

Part # CPC5750UTR
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750UTR Datasheet(HTML) 19 Page - IXYS Corporation

Back Button CPC5750UTR Datasheet HTML 15Page - IXYS Corporation CPC5750UTR Datasheet HTML 16Page - IXYS Corporation CPC5750UTR Datasheet HTML 17Page - IXYS Corporation CPC5750UTR Datasheet HTML 18Page - IXYS Corporation CPC5750UTR Datasheet HTML 19Page - IXYS Corporation CPC5750UTR Datasheet HTML 20Page - IXYS Corporation CPC5750UTR Datasheet HTML 21Page - IXYS Corporation CPC5750UTR Datasheet HTML 22Page - IXYS Corporation CPC5750UTR Datasheet HTML 23Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
19
CPC5750
Because the first transmitted data bit is in the same bit time as the FS pulse, the DTX driver must be enabled with the
correct data before the FS signal is detected. For this to happen, the CPC5750 must count the PCLK cycles in the first
complete frame to determine the number of 8-bit time slots per frame so it can predict when to drive the DTX bus. If
the FS pulse does not arrive as predicted, then the CPC5750 will re-synchronize, and recount the time slots in the
frame. For this reason the data in the first two received frames after connection to a PCM bus will be ignored and no
data will be transmitted upstream.
Detection of the FS pulse with the PCLK falling edge eliminates the rigid FS pulse width constraints and the required
synchronization of the FS rising edge with the PCLK rising edge. The minimum FS pulse width is the sum of the setup
and hold times while the maximum pulse width must allow for a minimum of one FS low detect by the falling PCLK
edge.
Assuring the first upstream data bit is available with the rising edge of FS and allowing the FS pulse to persist for
multiple PCLK cycles provides compatibility with the legacy Long Frame Sync, Non-delayed Timing Mode when the
time slot and bit delay setting registers are configured for the first bit of the first time slot, (Time Slot 0 {zero} and no bit
delay) of the frame. Additionally, since the CPC5750 is designed to accept small FS pulses and can be provisioned for
the transfer of data delayed by one or more bits it is compatible with the legacy Short Frame Sync Delayed Timing
Mode. As with the legacy data bit stream formats, the Most Significant Bit (MSB) will be the first bit received and the
first bit transmitted in the data byte.
Figure 1: PCM Time Slot 0, Short FS, No Bit Delay (PTC=PRC=0, PTB=PRB=0, CPB=0, TXZ=1)
LSB
LSB
MSB
MSB
HI-Z
HI-Z
PCLK
FS
FRAME BIT
D
RX
D
TX
1
18
234567
8
9
1011121314151617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com