Electronic Components Datasheet Search
  English  ▼

X  

FDA215 Datasheet(PDF) 1 Page - IXYS Corporation

Part # FDA215
Description  MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FDA215 Datasheet(HTML) 1 Page - IXYS Corporation

  FDA215 Datasheet HTML 1Page - IXYS Corporation FDA215 Datasheet HTML 2Page - IXYS Corporation FDA215 Datasheet HTML 3Page - IXYS Corporation FDA215 Datasheet HTML 4Page - IXYS Corporation FDA215 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
FDA215
MOSFET Driver
www.ixysic.com
DS-FDA215-R06
1
e3
Pb
Part #
Description
FDA215
8-Pin DIP (50/tube)
FDA215S
8-Pin Surface Mount (50/tube)
FDA215STR
8-Pin Surface Mount (1000/reel)
Parameter
Rating
Units
Typical Open Circuit Voltage
5.5
V
Typical Short Circuit Current
2.5
A
Input Control Current
5
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• MOSFET Driver
• Programmable Control
• Process Control
• Instrumentation
• Telecommunications
• Optically Isolated, Input to Output
• Dual Independent, Floating Outputs for Parallel,
Series, or Isolated Configuration
• 5mA Control Current
• May Be Configured for AC and DC Switching
• Replacement of Discrete Components
• VDE Compatible
• Solid State Reliability
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Version Available
The FDA215 is a dual photovoltac MOSFET driver
that uses a pair of optically coupled GaAIAs LEDs to
drive two photodiode arrays. When the input current
is applied to the LED, the light emitted activates
the photodiode array, and generates a voltage at the
output. The photodiode arrays are capable of
generating a floating source voltage and current
sufficient to drive high power MOSFET transistors.
The optical coupling provides a high level of input to
output isolation. The FDA215 is well suited for use in
discrete solid state relay designs and other isolated
switching applications.
Approvals
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
1
Input
Output
Input
Output
+
–
–
+
–
+
+
–
2
3
4
8
7
6
5
PV
PV


Similar Part No. - FDA215

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
MOSFET Driver
FDA215 CLARE-FDA215 Datasheet
103Kb / 5P
MOSFET Driver
logo
Littelfuse
FDA215 LITTELFUSE-FDA215 Datasheet
167Kb / 6P
Dual Photovoltaic MOSFET Driver
11/18/2025
logo
Clare, Inc.
FDA215S CLARE-FDA215S Datasheet
82Kb / 4P
MOSFET Driver
FDA215S CLARE-FDA215S Datasheet
103Kb / 5P
MOSFET Driver
More results

Similar Description - FDA215

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
MOSFET Driver
logo
NXP Semiconductors
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
MOSFET driver
Rev. 02-28 August 2009
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
MOSFET driver
Rev. 01-3 November 2006
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-20 November 2006
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-24 November 2006
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
MOSFET driver
Rev. 01-20 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
MOSFET driver
Rev. 01-27 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
MOSFET Driver
October, 2017 ??Rev. P1
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
MOSFET driver
Rev. 02 - 28 August 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com