Electronic Components Datasheet Search
  English  ▼

X  

IX4340NE Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX4340NE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340NE Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX4340NE Datasheet HTML 2Page - IXYS Corporation IX4340NE Datasheet HTML 3Page - IXYS Corporation IX4340NE Datasheet HTML 4Page - IXYS Corporation IX4340NE Datasheet HTML 5Page - IXYS Corporation IX4340NE Datasheet HTML 6Page - IXYS Corporation IX4340NE Datasheet HTML 7Page - IXYS Corporation IX4340NE Datasheet HTML 8Page - IXYS Corporation IX4340NE Datasheet HTML 9Page - IXYS Corporation IX4340NE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4340
R05
www.ixysic.com
9
3.5.3 IX4340NTR & IX4340NETR Tape & Reel Dimensions
3.5.4 IX4340UE Package Dimensions
P1=8.00
A
0=6.50
W=12.0±0.3
K
0=2.10
K
1=1.70
B
0=5.20
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2.
2. Camber in compliance with EIA 481.
3. Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole.
4. All dimensions in millimeters.
330 DIA.
(13.00 inch DIA)
Embossed Carrier
Embossment
E
E1
b
e
D
A1
A2
A
0.10
D1
E2
‘A’
c
Gauge plane
Seating plane
L
L1
0.25
H
Notes:
1. JEDEC outline: Thermally enhanced: MO-187 AA-T.
2. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15mm per end.
3. Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm total in excess of the “b” dimension at maximum
material condition. The dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and an adjacent lead shalll
not be less than 0.07mm.
4. D and E1 dimensions are determined at datum
.
5. The thermal pad on the bottom of the device may be connected to GND or left floating; it must not be connected to any other signal.
The thermal pad is not intended to carry current.
H
Detail ‘A’
V
W
X
Y
Z
Recommended PCB Land Pattern
A
A1
A2
b
c
D
D1
E
E1
E2
e
L
L1
V
W
X
Y
Z
MIN
-
0.00
0.75
0.22
0.08
1.42
1.38
0.40
-
-
-
-
-
MILLIMETERS
NOM
-
-
0.85
-
-
3.00 BSC
-
4.90 BSC
3.00 BSC
-
0.65 BSC
0.60
0.95 REF
-
4.30
1.70
0.45
1.90
1.35
MAX
1.10
0.15
0.95
0.38
0.23
1.93
1.73
0.80
-
-
-
-
-
MIN
-
0.00
0.030
0.009
0.003
0.056
0.054
0.016
-
-
-
-
-
INCHES
NOM
-
-
0.033
-
-
0.118 BSC
-
0.193 BSC
0.118 BSC
-
0.026 BSC
0.024
0.037 REF
-
0.169
0.067
0.018
0.075
0.053
MAX
0.043
0.006
0.037
0.015
0.009
0.076
0.068
0.031
-
-
-
-
-
LAND PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com