Electronic Components Datasheet Search
  English  ▼

X  

IX4340UE Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX4340UE
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340UE Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX4340UE Datasheet HTML 2Page - IXYS Corporation IX4340UE Datasheet HTML 3Page - IXYS Corporation IX4340UE Datasheet HTML 4Page - IXYS Corporation IX4340UE Datasheet HTML 5Page - IXYS Corporation IX4340UE Datasheet HTML 6Page - IXYS Corporation IX4340UE Datasheet HTML 7Page - IXYS Corporation IX4340UE Datasheet HTML 8Page - IXYS Corporation IX4340UE Datasheet HTML 9Page - IXYS Corporation IX4340UE Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R05
IX4340
3.5.5 IX4340UETR Tape & Reel Dimensions
W=12.0±0.3
(0.472±0.012)
5.50±0.05
(0.217±0.002)
1.75±0.10
(0.069±0.004)
8.00
(0.315)
2.00±0.05 See Note 3
(0.079±0.002)
4.00 See Note 1
(0.157)
3.30
(0.130)
4.20
(0.165)
A
A
3.40
(0.134)
1.20
(0.047)
1.60
(0.063)
5.20
(0.205)
0.3±0.05
(0.012±0.002)
1.20
(0.047)
330 DIA.
(13.00 inch DIA)
Embossed Carrier
Embossment
NOTES:
1. 10 sprocket hole pitch cumulative
tolerance: ±0.2 (0.008).
2. Camber in compliance with EIA 481.
3. Pocket position relative to sprocket hole
measured as true position of pocket, not
pocket hole.
DIMENSIONS:
mm
(inches)
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IX4340-R05
©Copyright 2018, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
1/18/2018



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com