Electronic Components Datasheet Search
  English  ▼

X  

PLA110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA110
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA110 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA110 Datasheet HTML 1Page - IXYS Corporation PLA110 Datasheet HTML 2Page - IXYS Corporation PLA110 Datasheet HTML 3Page - IXYS Corporation PLA110 Datasheet HTML 4Page - IXYS Corporation PLA110 Datasheet HTML 5Page - IXYS Corporation PLA110 Datasheet HTML 6Page - IXYS Corporation PLA110 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA110-R07
1
PLA110
Single Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA110
6-Lead DIP (50/Tube)
PLA110S
6-Lead Surface Mount (50/Tube)
PLA110STR
6-Lead Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
22
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, PocketSize)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
• 3750V
rms Input to Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• FCC Compatible
• VDE Compatible
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
- Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
- Control
NC
+ Load
- Load
DC Only Configuration
PLA110 is a normally open (1-Form-A) solid
state relay that uses optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation. Its optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
The PLA110 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no
moving parts, it offers faster, bounce-free switching
in a more compact surface mount or thru-hole
package.


Similar Part No. - PLA110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
logo
Littelfuse
PLA110 LITTELFUSE-PLA110 Datasheet
215Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
Clare, Inc.
PLA110L CLARE-PLA110L Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Littelfuse
PLA110L LITTELFUSE-PLA110L Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
More results

Similar Description - PLA110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com