Electronic Components Datasheet Search
  English  ▼

X  

PLA110L Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA110L
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA110L Datasheet(HTML) 1 Page - IXYS Corporation

  PLA110L Datasheet HTML 1Page - IXYS Corporation PLA110L Datasheet HTML 2Page - IXYS Corporation PLA110L Datasheet HTML 3Page - IXYS Corporation PLA110L Datasheet HTML 4Page - IXYS Corporation PLA110L Datasheet HTML 5Page - IXYS Corporation PLA110L Datasheet HTML 6Page - IXYS Corporation PLA110L Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA110L-R05
1
PLA110L
Single Pole, Normally Open
OptoMOS® Relay
e3
Pb
Parameter
Ratings
Units
Blocking Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
25
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Version Available
Applications
Features
Description
Approvals
Pin Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Part #
Description
PLA110L
6-Pin Dip (50/Tube)
PLA110LS
6-Pin Surface Mount (50/Tube)
PLA110LSTR
6-Pin Surface Mount (1000/Reel)
Ordering Information
Switching Characteristics of
Normally Open Devices
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
PLA110L is a current-limited, normally open
(1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide 3750V
rms of
input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The PLA110L can be used to replace mechanical
relays. It offers the superior reliability associated
with semiconductor devices, it has no moving parts,
and it offers faster, bounce-free switching in a more
compact surface mount or thru-hole package.


Similar Part No. - PLA110L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA110L CLARE-PLA110L Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
Littelfuse
PLA110L LITTELFUSE-PLA110L Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
Clare, Inc.
PLA110LS CLARE-PLA110LS Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
Littelfuse
PLA110LS LITTELFUSE-PLA110LS Datasheet
200Kb / 7P
400V, 150mA Single-Pole
11/18/2025
logo
Clare, Inc.
PLA110LSTR CLARE-PLA110LSTR Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - PLA110L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA134 IXYS-PLA134 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com