Electronic Components Datasheet Search
  English  ▼

X  

PLA110S Datasheet(PDF) 2 Page - IXYS Corporation

Part # PLA110S
Description  Single Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA110S Datasheet(HTML) 2 Page - IXYS Corporation

  PLA110S Datasheet HTML 1Page - IXYS Corporation PLA110S Datasheet HTML 2Page - IXYS Corporation PLA110S Datasheet HTML 3Page - IXYS Corporation PLA110S Datasheet HTML 4Page - IXYS Corporation PLA110S Datasheet HTML 5Page - IXYS Corporation PLA110S Datasheet HTML 6Page - IXYS Corporation PLA110S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R07
PLA110
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Min
Max
Units
Blocking Voltage
-
400
V
P
Reverse Input Voltage
-
5
V
Input Control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Package Dissipation 2
-
800
mW
Isolation Voltage, Input to Output
3750
-
V
rms
Operational Temperature
-40
+85
ºC
Storage Temperature
-40
+125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous, AC/DC Configuration
-
I
L
-
-
150
mA
rms / mADC
Continuous, DC Configuration
-
-
-
250
mA
DC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance
AC/DC Configuration
I
L=150mA
R
ON
--
22
DC Configuration
I
L=250mA
-
-
7
Off-State Leakage Current
V
L=400VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
1
ms
Turn-Off
t
off
-
-
0.5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current to Activate
I
L=150mA
I
F
--
5
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com