Electronic Components Datasheet Search
  English  ▼

X  

PLA132 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA132
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA132 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA132 Datasheet HTML 1Page - IXYS Corporation PLA132 Datasheet HTML 2Page - IXYS Corporation PLA132 Datasheet HTML 3Page - IXYS Corporation PLA132 Datasheet HTML 4Page - IXYS Corporation PLA132 Datasheet HTML 5Page - IXYS Corporation PLA132 Datasheet HTML 6Page - IXYS Corporation PLA132 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA132-R04
1
PLA132
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA132
6-Pin DIP (50/Tube)
PLA132S
6-Pin Surface Mount (50/Tube)
PLA132STR
6-Pin Surface Mount (1,000/Reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
600
mA
rms / mADC
Input Control Current
2
mA
On-Resistance (max)
1
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Automotive
• Low Input Control Current: 2mA
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics of
Normally Open Devices
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
PLA132 is a single-pole, normally open (1-Form-A)
solid state relay that uses optically coupled MOSFET
technology to provide 3750V
rms of input to output
isolation. Its optically coupled outputs, which use the
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
The PLA132 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no
moving parts, it offers faster, bounce-free switching in
a more compact surface mount or thru-hole package.


Similar Part No. - PLA132

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA132S CLARE-PLA132S Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA132STR CLARE-PLA132STR Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
More results

Similar Description - PLA132

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com