Electronic Components Datasheet Search
  English  ▼

X  

PLA140STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA140STR
Description  Single-Pole Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA140STR Datasheet(HTML) 4 Page - IXYS Corporation

  PLA140STR Datasheet HTML 1Page - IXYS Corporation PLA140STR Datasheet HTML 2Page - IXYS Corporation PLA140STR Datasheet HTML 3Page - IXYS Corporation PLA140STR Datasheet HTML 4Page - IXYS Corporation PLA140STR Datasheet HTML 5Page - IXYS Corporation PLA140STR Datasheet HTML 6Page - IXYS Corporation PLA140STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R08
PLA140
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3
4
5
6
7
8
9
Typical On-Resistance vs. Temperature
AC/DC Configuration
(I
F=5mA, IL=100mA)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
Typical Load Current vs. Load Voltage
AC/DC Configuration
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
125
150
175
200
225
250
275
Maximum Load Current
vs. Temperature - AC/DC Configuration
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Typical On-Resistance vs. Temperature
DC-Only Configuration
(I
F=5mA, IL=100mA)
Load Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Typical Load Current vs. Load Voltage
DC-Only Configuration
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
150
175
200
225
250
275
300
325
350
375
Maximum Load Current
vs. Temperature - DC-Only Configuration
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
440
450
460
470
480
490
500
510
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
Typical Leakage vs. Temperature
Measured Across Pins 4&6
(V
L=400V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.2
0.4
0.6
0.8
1.0
1.2
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com