Electronic Components Datasheet Search
  English  ▼

X  

OP205CL Datasheet(PDF) 2 Page - TT Electronics.

Part # OP205CL
Description  Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP205CL Datasheet(HTML) 2 Page - TT Electronics.

  OP205CL Datasheet HTML 1Page - TT Electronics. OP205CL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Infrared Light Emitting Diode
OP205CL
Issue B
07/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40° C to +125° C
Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature
260° C(1)
Reverse Voltage
3.0 V
Continuous Forward Current
50 mA
Power Dissipation
160 mW(2)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
PO
Radiant Intensity
8.5
12.0
-
mW
IF = 50mA(3)
VF
Forward Voltage
-
-
2.0
V
IF = 50mA
IR
Reverse Current
-
-
10
μA
VR = 3.0V
λ
P
Peak Emission Wavelength
-
875
-
nm
IF = 20mA
Θ
HP
Total Emission Angle at Half Power Points
-
6
10
Deg.
IF = 20mA
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
De-rate linearly at 2.17 mW/° C above 25° C.
3.
Total Optical Power (PO) is measured by OPTEK Technology equipment.
100°C
-40°C
Relative Radiant Intensity vs.
Forward Current vs. Temperature
0
10
20
30
40
50
Forward Current (mA)
100%
150%
200%
250%
300%
350%
Normalized at IF = 20mA, TA
= 20°C. Temperatures stepped
in 20°C Increments
50%
0%
1.1
1.2
1.3
1.4
1.5
1.6
Forward Voltage vs. Forward Current vs.
Temperature
0
10
20
30
40
50
Forward Current (mA)
-40°C
100°C
Temperatures stepped in 20°C
Increments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com