Electronic Components Datasheet Search
  English  ▼

X  

OP145C Datasheet(PDF) 3 Page - TT Electronics.

Part # OP145C
Description  Plastic Infrared Emitting Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP145C Datasheet(HTML) 3 Page - TT Electronics.

  OP145C Datasheet HTML 1Page - TT Electronics. OP145C Datasheet HTML 2Page - TT Electronics. OP145C Datasheet HTML 3Page - TT Electronics. OP145C Datasheet HTML 4Page - TT Electronics. OP145C Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP140, OP145 Series
Issue B
07/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage and Operating Temperature Range
-40
o C to +100o C
Reverse Voltage
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
(1)
260° C
Power Dissipation
(2)
100 mW
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
Apertured Radiant Incidence
OP140A, OP145A
OP140B
OP140C, OP145C
OP140D
0.40
0.30
0.20
0.10
-
-
-
-
-
0.55
0.40
-
mW/cm
2
IF = 20 mA
(3)
VF
Forward Voltage
-
-
1.60
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
935
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
50
-
nm
IF = 10 mA
λP /∆T
Spectral Shift with Temperature
-
±0.30
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
-
40
-
Degree
IF = 20 mA
tr
Output Rise Time
-
1000
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
500
-
ns
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams
force may be applied to the leads when soldering.
2. Derate linearly 1.33 mW/° C above 25° C.
3. EE(APT) is a measurement of the average apertured radiant energy incident upon a sensing area 0.180” (4.57 mm) in diameter
perpendicular to and centered on the mechanical axis of the lens and 0.653” (6.60 mm) from the lens tip. EE(APT) is not necessarily



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com