Electronic Components Datasheet Search
  English  ▼

X  

OP169C Datasheet(PDF) 4 Page - TT Electronics.

Part # OP169C
Description  Plastic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP169C Datasheet(HTML) 4 Page - TT Electronics.

  OP169C Datasheet HTML 1Page - TT Electronics. OP169C Datasheet HTML 2Page - TT Electronics. OP169C Datasheet HTML 3Page - TT Electronics. OP169C Datasheet HTML 4Page - TT Electronics. OP169C Datasheet HTML 5Page - TT Electronics. OP169C Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Plastic Infrared Emitting Diode
OP168F, OP169, OP268F, OP269 Series
Issue C
07/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted— for reference only)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
B
Spectral Bandwidth between Half Power Points
OP168, OP169, OP268FPS
OP268, OP269
-
-
50
80
-
-
nm
IF = 10 mA
ΔλP /ΔT
Spectral Shift with Temperature
OP168, OP169,
OP268, OP269
-
-
±0.30
±0.18
-
-
nm/°C
IF = Constant
θ
HP
Emission Angle at Half Power Points
OP168
OP169
OP268
OP268FPS
OP269
-
-
-
-
-
104°
46°
104°
50°
46°
-
-
-
-
-
Degree
IF = 20 mA
tr
Rise Time
OP168, OP169
OP268, OP269
OP268FPS
-
-
-
1000
500
10
-
-
-
ns
IF(PK)=100 mA, PW=10 μs, D.C.=10%
tf
Fall Time
OP168, OP169
OP268, OP269
OP268FPS
-
-
-
500
250
10
-
-
-
ns
IF(PK)=100 mA, PW=10 μs, D.C.=10%
Beam Angle OP268FA - OP268FC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-80
-60
-40
-20
0
20406080
Angle (Degrees)
Beam Angle OP168 & OP268 Package
Beam Angle OP169 & OP269 Package
Beam Angle
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80
Degrees



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com