Electronic Components Datasheet Search
  English  ▼

X  

TLE6363G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6363G
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6363G Datasheet HTML 5Page - Infineon Technologies AG TLE6363G Datasheet HTML 6Page - Infineon Technologies AG TLE6363G Datasheet HTML 7Page - Infineon Technologies AG TLE6363G Datasheet HTML 8Page - Infineon Technologies AG TLE6363G Datasheet HTML 9Page - Infineon Technologies AG TLE6363G Datasheet HTML 10Page - Infineon Technologies AG TLE6363G Datasheet HTML 11Page - Infineon Technologies AG TLE6363G Datasheet HTML 12Page - Infineon Technologies AG TLE6363G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet V 1.1
9
2000-11-8
TLE 6363
Buck Gate supply voltage;
V
BGS = VBDS – VBOOST
V
BGS
5–10
V
–
Reference Input; R
(Oscillator; Timebase for Boost- and Buck-Converter, Reset and Watchdog)
Voltage on pin R
V
R
1.3
1.4
1.5
V
–
Oscillator frequency
f
OSC
85
95
105
kHz
T
j =25 C
Oscillator frequency
f
OSC
75
–
115
kHz –
Cycle time for watchdog
and reset timing
t
CYL
–1.05
–
ms
t
CYL = 100/fOSC
Reset Generator; RO
Reset threshold;
V
CC decreasing/increasing
V
RT
4.50
4.65
4.75
V
V
RO H toLor L to H
transition;
V
RO remains low
down to
V
CC >1 V
Reset low voltage
V
ROL
–0.2
0.4
V
I
ROL =2 mA;
2.5 V <
V
CC < VRT
Reset low voltage
V
ROL
–0.2
0.4
V
I
ROL =0.2 mA;
1V<
V
CC < VRT
Reset high voltage
V
ROH
V
CC –
0.1
–
V
CC +
0.1
V
I
ROH =0 mA
Reset pull up current
I
RO
–
240
–
←A0 V < V
RO <4 V
Reset Reaction time
t
RR
50
100
150
←s
V
CC < VRT
Power-up reset delay time
t
RD
–64
–
t
CYL
V
CC ∫ 4.8 V
Electrical Characteristics (cont’d)
8V <
V
Boost <35 V; 4.75 V < VCC <5.25 V; – 40 C< Tj <150 C; RR =47 kτ; all voltages
with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com