Electronic Components Datasheet Search
  English  ▼

X  

OP265FAC Datasheet(PDF) 2 Page - TT Electronics.

Part # OP265FAC
Description  Plastic Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP265FAC Datasheet(HTML) 2 Page - TT Electronics.

  OP265FAC Datasheet HTML 1Page - TT Electronics. OP265FAC Datasheet HTML 2Page - TT Electronics. OP265FAC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Plastic Infrared Emitting Diode
OP265FAA Series
Issue F
07/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage and Opera ng Temperature Range
-40
o C to +100o C
Reverse Voltage
2.0 V
Con nuous Forward Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)
Power Dissipa on
100 mW
(2)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
EE (APT)
Apertured Radiant Incidence
OP265FAA
OP265FAB
OP265FAC
OP265FAD
5.50
7.50
11.50
15.50
-
-
-
-
-
12.5
16.5
-
mW/cm
2
IF = 20 mA
Aperture = 0.081” diameter
Distance = 0.590” from sea ng surface
to aperture surface
VF
Forward Voltage
-
-
1.80
V
IF = 20 mA
IR
Reverse Current
-
10
-
µA
VR= 10 V
λP
Wavelength at Peak Emission
-
850
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shi with Temperature
-
±0.18
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
-
18
-
Degree
IF = 20 mA
tr
Output Rise Time
-
10
-
ns
IF(PK)=100 mA, PW=10 µs, D.C.=10.0%
tf
Output Fall Time
-
10
-
ns
Input Diode
Notes:
1. RMA flux is recommended. Dura on can be extended to 10 second maximum when flow soldering. A maximum of 20 grams force may be
applied to the leads when soldering.
2. Derate linearly at 1.33 mW/° C above 25° C.
3. EE(APT) is a measurement of the average apertured radiant incidence upon a sensing area 0.081” (2.06 mm) in diameter, perpendicular to and
centered on the mechanical axis of the lens and 0.590” (14.99 mm) from the measurement surface. EE(APT) is not necessarily uniform within the
measured area.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com