Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP270
Description  Infrared Light Emitting Diode in SMD Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP270 Datasheet(HTML) 1 Page - TT Electronics.

  OP270 Datasheet HTML 1Page - TT Electronics. OP270 Datasheet HTML 2Page - TT Electronics. OP270 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
•
Non-Contact Position Sensing
•
Datum detection
•
Machine automation
Infrared Light Emitting Diode
in SMD Plastic Package
OP270 Series
•
880nm Wavelength
•
Narrow Beam Angle
•
High Power
•
Four Lead Configurations
•
1.9mm Water Clear Plastic Package
The OP270 series are GaAlAs infrared LEDs mounted in a clear plastic SMT packages. The devices incorporate
an integral molded lens which enables a narrow beam angle and provides an even emission pattern. This series
is available with four lead configurations and is compatible with most automated mounting equipment. The OP270
Series LEDs are mechanically and spectrally matched to the OP570 series phototransistors.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Pb
LEAD FREE
•
Optical encoders
•
IrDA
•
Reflective and Transmissive Sensors
Applications
Part Number
Description
Material Lead Style
OP270
LED, SMD, 1.9mm Molded
GaAlAs Axial
OP271
LED, SMD, 1.9mm Molded
GaAlAs Gull-Wing
OP272
LED, SMD, 1.9mm Molded
GaAlAs Yoke Bend
OP273
LED, SMD, 1.9mm Molded
GaAlAs Reverse Gull-Wing
-90
-60
-30
0
30
60
90
0%
20%
40%
60%
80%
100%
Angular Displacement (Degrees)
Relative Radiant Intensity vs.
Angular Displacement
OP270
OP271
OP273
OP272


Similar Part No. - OP270

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP270 AD-OP270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
Infrared Light Emitting Diode in SMD Plastic Package
logo
Analog Devices
OP270 AD-OP270 Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
More results

Similar Description - OP270

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213 Datasheet
281Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
logo
OPTEK Technologies
OP280 OPTEK-OP280 Datasheet
261Kb / 3P
Infrared Light Emitting Diode in SMT Plastic Package
OP251 OPTEK-OP251 Datasheet
269Kb / 3P
Infrared Light Emitting Diode in Miniature SMD Package
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
Plastic Infrared Light Emitting Diode
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
Infrared Light Emitting Diode in SMD Plastic Package
logo
TT Electronics.
OP200 TTELEC-OP200 Datasheet
247Kb / 3P
Infrared Light Emitting Diode in Miniature SMD Package
OP225 TTELEC-OP225 Datasheet
258Kb / 3P
Infrared Light Emitting Diode in 1210 SMD Package
OP250 TTELEC-OP250 Datasheet
248Kb / 3P
Infrared Light Emitting Diode in Miniature SMD Package
OP251 TTELEC-OP251 Datasheet
261Kb / 3P
Infrared Light Emitting Diode in Miniature SMD Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com