Electronic Components Datasheet Search
  English  ▼

X  

OP525F Datasheet(PDF) 4 Page - TT Electronics.

Part # OP525F
Description  Silicon Phototransistor and Photo Darlington in 1210 SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP525F Datasheet(HTML) 4 Page - TT Electronics.

  OP525F Datasheet HTML 1Page - TT Electronics. OP525F Datasheet HTML 2Page - TT Electronics. OP525F Datasheet HTML 3Page - TT Electronics. OP525F Datasheet HTML 4Page - TT Electronics. OP525F Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue F
05/2012
Page 4 of 5
Silicon Phototransistor and Photo Darlington
in 1210 SMD Package
OP525, OP525DA, OP525F
OP525 and OP525DA
OP525
900
1100
1000
0%
20%
40%
60%
80%
100%
Wavelength (nm)
800
700
600
500
400
Relative Response vs. Wavelength
Collector-Emitter Voltage—VCE (V)
Ee = 2.0mW/cm2
4
3
2
1
0
0.5
0.1
3.5
3.0
2.5
2.0
1.5
Collector Current—IC (mA) vs
Collector-Emiiter Voltage VCE (V)
Ee = 1.5mW/cm2
Ee = 1.25mW/cm2
Ee = 1.0mW/cm2
Ee = 0.5mW/cm2
5
3
1
0
Optical Power—Ee(mW/cm
2)
0.1
100
10
1.0
Collector Current—IC (mA) vs
Optical Power-Ee(mW/cm
2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com