Electronic Components Datasheet Search
  English  ▼

X  

OP573 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP573
Description  Silicon Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP573 Datasheet(HTML) 1 Page - TT Electronics.

  OP573 Datasheet HTML 1Page - TT Electronics. OP573 Datasheet HTML 2Page - TT Electronics. OP573 Datasheet HTML 3Page - TT Electronics. OP573 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue 1.3
10/07
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Silicon Phototransistor
OP570 Series
Description:
Each device in this series is an NPN silicon phototransistor mounted in an opaque plastic SMD package, with an
integral molded lens that enables a narrow acceptance angle and a higher collector current than devices without a
lense.
The OP570 series has four lead configurations and is compatible with most automated mounting equipment. The
OP570 series is mechanically and spectrally matched to the OP270 series infrared LEDs.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
OP571
OP570
OP572
OP573
Features:
x SMD plastic package
x High photo sensitivity
x Fast response time
x Choice of four lead configurations
x IR transmissive plastic package
Applications:
x Non-contact position sensing
x Datum detection
x Machine automation
x Optical encoders
x IrDA
x Reflective and transmissive sensors
Ordering Information
Part Number
Sensor
Viewing
Angle
Lead
Length
OP570
Phototransistor
25°
Axial
OP571
Gull Wing
OP572
Yoke
OP573
Rev. Gull
OP571
OP570
OP571
OP572
OP573
Pin # Transistor
1
Collector
2
Emitter
1
2


Similar Part No. - OP573

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP573 OPTEK-OP573 Datasheet
342Kb / 4P
Silicon Phototransistor
More results

Similar Description - OP573

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61048 MICROPAC-61048 Datasheet
95Kb / 2P
SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
SILICON PHOTOTRANSISTOR
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
Silicon Phototransistor
08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
Silicon Phototransistor
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
Silicon Phototransistor
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
Silicon Phototransistor
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
Silicon Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com