| Electronic Components Datasheet Search |
|
TSH330 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH330 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() June 2005 Revision 3 1/19 ■ Bandwidth: 1.1GHz (Gain=+2) ■ Quiescent current: 16.6 mA ■ Slew rate: 1800V/µs ■ Input noise: 1.3nV/√Hz ■ Distortion: SFDR = -78dBc (10MHz, 2Vp-p) ■ Output stage optimized for driving 100Ω loads ■ Tested on 5V power supply Description The TSH330 is a current feedback operational amplifier using a very high-speed complementary technology to provide a large bandwidth of 1.1GHz in gain of 2 while drawing only 16.6mA of quiescent current. In addition, the TSH330 offers 0.1dB gain flatness up to 160MHz with a gain of 2. With a slew rate of 1800V/µs and an output stage optimized for driving a standard 100 Ω load, this device is highly suitable for applications where speed and low-distortion are the main requirements. The TSH330 is a single operator available in the SO8 plastic package, saving board space as well as providing excellent thermal and dynamic performances. Pin Connections (top view) Applications ■ Communication & video test equipment ■ Medical instrumentation ■ ADC drivers Order Codes +VCC 1 2 3 5 4 8 7 6 NC Output + _ -VCC NC -IN +IN SO8 NC D SO-8 (Plastic Micropackage) Part Number Temperature Range Package Conditioning Marking TSH330ID -40°C to +85°C SO8 Tube TSH330I TSH330IDT SO8 Tape&Reel TSH330I 1.1 GHz Low-Noise Operational Amplifier TSH330 |
Similar Part No. - TSH330 |
|
Similar Description - TSH330 |