Electronic Components Datasheet Search
  English  ▼

X  

TSH310ID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH310ID
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310ID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH310ID Datasheet HTML 8Page - STMicroelectronics TSH310ID Datasheet HTML 9Page - STMicroelectronics TSH310ID Datasheet HTML 10Page - STMicroelectronics TSH310ID Datasheet HTML 11Page - STMicroelectronics TSH310ID Datasheet HTML 12Page - STMicroelectronics TSH310ID Datasheet HTML 13Page - STMicroelectronics TSH310ID Datasheet HTML 14Page - STMicroelectronics TSH310ID Datasheet HTML 15Page - STMicroelectronics TSH310ID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TSH310
Noise Measurements
12/19
5 Noise Measurements
The noise model is shown in Figure 28, where:
l eN: input voltage noise of the amplifier
l iNn: negative input current noise of the amplifier
l iNp: positive input current noise of the amplifier
The thermal noise of a resistance R is:
where
∆F is the specified bandwidth.
On a 1Hz bandwidth the thermal noise is reduced to
where k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Superposition Theorem. However eNo is not the simple sum
of all noise sources, but rather the square root of the sum of the square of each noise source, as shown
in Equation 1:
Equation 1
Equation 2
Figure 28: Noise model
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
4kTR
∆F
4kTR
eNo
V 1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+
+++
+
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R 2
R 1
-------
2
4kTR14kTR21
R2
R1
-------
+
2
4kTR3
×
++
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19