Electronic Components Datasheet Search
  English  ▼

X  

TSH310IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH310IDT
Description  400A High-Speed Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH310IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH310IDT Datasheet HTML 2Page - STMicroelectronics TSH310IDT Datasheet HTML 3Page - STMicroelectronics TSH310IDT Datasheet HTML 4Page - STMicroelectronics TSH310IDT Datasheet HTML 5Page - STMicroelectronics TSH310IDT Datasheet HTML 6Page - STMicroelectronics TSH310IDT Datasheet HTML 7Page - STMicroelectronics TSH310IDT Datasheet HTML 8Page - STMicroelectronics TSH310IDT Datasheet HTML 9Page - STMicroelectronics TSH310IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSH310
Electrical Characteristics
6/19
Figure 7: Slew rate
Figure 8: Isink
Figure 9: Output amplitude vs. load
-10ns
-5ns
0s
5ns
10ns
15ns
20ns
0,0
0,5
1,0
1,5
2,0
Gain=+2
Vcc=5V
Load=1k
Ω
Time (ns)
-2,0
-1,5
-1,0
-0,5
0,0
0
25
50
75
100
125
150
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
V (V)
10
100
1k
10k
100k
2,0
2,5
3,0
3,5
4,0
Gain=+2
Vcc=5V
Load=1k
Ω
Load (ohms)
Figure 10: Quiescent current vs. Vcc
Figure 11: Isource
Figure 12: Input voltage noise vs. frequency
1,25
1,50
1,75
2,00
2,25
2,50
-400
-200
0
200
400
Gain=+2
Vcc=5V
Inputs to ground, no load
Icc(+)
Icc(-)
+/-Vcc (V)
0,00,5
1,01,5
2,0
-150
-125
-100
-75
-50
-25
0
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
V (V)
100
1k
10k
100k
1M
10M
100M
7,0
7,5
8,0
8,5
9,0
9,5
10,0
Gain=32dB
Rg=12ohms
Rfb=510ohms
non-inverting input in short-circuit
Vcc=5V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19